Part Number Hot Search : 
M2001 PNZ323B MR83C LT1009 AZ10EL32 SMI5027 HM6216 ICROS
Product Description
Full Text Search
 

To Download L2SC2411KQLT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. 1 3 2 sot? 23 (to?236ab) s-l2sc2411kqlt1g medium power transistor npn silicon feature ? epitaxial planar type ? complementary to l2sa1036k ? device marking and ordering information device marking shipping l2sc2411kqlt1g cq 3000/tape&reel l2sc2411kqlt3g cq 10000/tape&reel l2sc2411krlt1g cr 3000/tape&reel l2sc2411krlt3g cr 10000/tape&reel maximum ratings (t a = 25 c) parameter symbol limits unit collector-base voltage v cbo 40 v collector-emitter voltage v ceo 32 v emitter-base voltage v ebo 5v collector current i c 0.5 a* collector power dissipation p c 0.2 w junction temperature t j 150 c storage temperature t stg -55~+150 c collector-base breakdown voltage bv cbo 40 -- vi c =100 a collector-emitter breakdown voltage bv ceo 32 -- vi c =1ma emitter-base breakdown voltgae bv ebo 5 -- vi e =100 a collector cutoff current i cbo -- 1 av cb =20v emitter cutoff current i ebo -- 1 av eb =4v dc current transfer ratio h fe 120 - 390 - collcetor-emitter saturation voltage v ce(sat) -- 0.4 v i c /i b =500ma/50ma transition frequency f t - 250 - mhz v ce =5v,i e =-20ma,f=100mhz output capacitance c ob - 6.0 - pf v cb =10v,i e =0a,f=1mhz *p c must not be exceeded. electrical characteristics( t a = 25 c ) parameter symbol min. ty p max. unit conditions h fe values are classified as follows: item q r h fe 120~270 180~390 2 emitter 3 collector 1 base we declare that the material of product are halogen free and v ce =3v ,i c =100ma compliance with rohs requirements. series rev.o 1/4 l2sc2411kqlt1g series ? s- prefix for automotive and other applications requiring unique site and control change requirements,aec-q101 qualified and ppap capable. s-l2sc2411kqlt1g s-l2sc2411kqlt3g s-l2sc2411krlt1g s-l2sc2411krlt3g
leshan radio company, ltd. electrical characteristic curves(t a = 25 c) 0.8 0.2 0.4 0.9 0.7 0.5 1.1 0.3 1.0 0.6 0.1 0.2 0.5 1 2 5 10 20 50 100 200 500 1000 ta=100 o c 25 o c 80 o c 25 o c 55 o c v ce =6v collector current : i c (ma) base to emitter voltage : v be (v) fig.1 grounded emitter propagation characteristics collector current : i c (ma) 1 0 2 3 4 5 0 100 50 0.50ma 0.45ma 0 .4 0m a 0.35ma 0.30m a 0.2 5m a 0.20ma 0 .1 5 m a 0.10m a 0.05m a i b = 0a ta = 25 o c collector to emitter voltage : v ce (v) fig.2 grounded emitter output characteristics( i ) collector current : i c (ma) collector to emitter voltage : v ce (v) 1 0 2345 0 500 400 300 200 100 2ma 1.8ma 1.6ma 1.4ma 1.2ma 0.2ma 0.4ma 0.6ma 0.8ma 1.0ma i b =0a ta = 25 o c fig.3 grounded emitter output characteristics( ii ) collector to emitter voltage : v ce (v) 0.5 1 2 5 1 0 2 0 5 0 100 1000 200 500 0.2 0.5 1 0.02 0.05 0.1 =25 o c ta l c /l b =10 collector saturation voltage : v ce(sat) (v) fig.4 collector-emitter saturation voltage vs. collector current l2sc2411kqlt1g series rev.o 2/4 s-l2sc2411kqlt1g series
leshan radio company, ltd. electrical characteristic curves(t a = 25 c) 500 1000 0.1 200 10 0.2 50 100 0.5 20 12 5 20 10 50 100 200 500 1000 dc current gain : h fe collector current : i c (ma) ta = 100 o c 75 o c 50 o c 25 o c 0 o c 25 o c 50 o c v ce = 3v fig.5 dc current gain vs. collector current fig.6 gain bandwidth product vs. emitter current emitter current : i e (ma) transition frequency : f t (mhz) ta = 25 o c v ce = 5v 0.5 1 2 5 10 20 50 50 100 200 500 0.5 1 2 5 1 0 2 0 5 0 5 2 10 20 50 cib cob ta = 25 o c f = 1mhz i e = 0a i c = 0a collector to base voltage : v ce (v) emitter to base voltage: v eb (v) collector output capacitance : cob(pf) emitter input capacitance : cib(pf) fig.7 collector output capacitance vs. collector-base voltage emitter input capacitance vs. emitter-base voltage rev.o 3/4 l2sc2411kqlt1g series s-l2sc2411kqlt1g series
leshan radio company, ltd. d j k l a c b s h g v 12 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 0.031 0.8 sot-23 3 rev.o 4/4 l2sc2411kqlt1g series s-l2sc2411kqlt1g series


▲Up To Search▲   

 
Price & Availability of L2SC2411KQLT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X